PART |
Description |
Maker |
IRF7601 IRF7601TR |
20V Single N-Channel HEXFET Power MOSFET in a Micro 8 package Power MOSFET(Vdss=20V, Rds(on)=0.035ohm) Power MOSFET(Vdss=20V/ Rds(on)=0.035ohm) N-Channel HEXFET Power MOSFET(N沟道 HEXFET 功率MOS场效应管) N沟道HEXFET功率MOSFET的(不适用沟道的HEXFET功率马鞍山场效应管) N-Channel HEXFET Power MOSFET(N娌?? HEXFET ???MOS?烘?搴??)
|
International Rectifier, Corp.
|
IRL3715Z IRL3715ZL IRL3715ZS |
20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
IDT61298S25TC IDT61298S25TCB IDT61298S25L28B IDT61 |
75V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package x4的SRAM 80V Single N-Channel HEXFET Power MOSFET in a D-Pak package x4的SRAM 600V Fast 1-8 kHz Discrete IGBT in a D2-Pak package x4的SRAM x4 SRAM x4的SRAM
|
STMicroelectronics N.V. Unisonic Technologies Co., Ltd. HIROSE ELECTRIC Co., Ltd. TE Connectivity, Ltd.
|
IRL3715ZCS |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFU3711PBF |
20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRFU3704ZPBF |
20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRFR3704TR IRFR3704PBF IRFR3704TRL IRFR3704TRR IRF |
20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRLR3717 IRLU3717 |
20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier
|
IRLML2244TRPBF |
-20V Single P-Channel HEXFET Power MOSFET in a Micro 3 package
|
International Rectifier
|
IRL3202 |
20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
IRL3302S IRL3302STRL IRL3302STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|